| データシートサーチシステム |
|
THS4532IPW データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4532IPW データシート(HTML) 2 Page - Texas Instruments |
|
2 / 44 page ![]() THS4532 SLOS829 – FEBRUARY 2013 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGING/ORDERING INFORMATION(1) TRANSPORT SPECIFIED CHANNEL PACKAGE- PACKAGE PACKAGE ORDERING MEDIA, PRODUCT TEMPERATURE COUNT LEAD DESIGNATOR MARKING NUMBER RANGE QUANTITY 2 THS4532 THS4532IPWT Rails, 90 THS4532 TSSOP-16 PW –40°C to +125°C 2 THS4532 THS4532IPWR Tape and reel, 2000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ABSOLUTE MAXIMUM RATINGS VALUE UNITS MIN MAX Supply voltage, VS– to VS+ 5.5 V Input/output voltage, VIN±, VOUT±, and VOCM pins (VS–) – 0.7 (VS+) + 0.7 V Differential input voltage, VID 1 V Continuous output current, IO 50 mA Continuous input current, Ii 0.75 mA Continuous power dissipation See the Thermal Information Maximum junction temperature, TJ 150 °C Operating free-air temperature range, TA –40 +125 °C Storage temperature range, Tstg –65 +150 °C Electrostatic Human body model (HBM) 2.5 kV discharge (ESD) Charge device model (CDM) 500 V ratings: THERMAL INFORMATION TSSOP (PW) THERMAL METRIC (1) UNITS 16 PINS θJA Junction-to-ambient thermal resistance 122.4 θJCtop Junction-to-case (top) thermal resistance 61.2 θJB Junction-to-board thermal resistance 66.7 °C/W ψJT Junction-to-top characterization parameter 14.4 ψJB Junction-to-board characterization parameter 66.2 θJCbot Junction-to-case (bottom) thermal resistance N/A (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links :THS4532 |