| データシートサーチシステム |
|
DAC8413FPC データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8413FPC データシート(HTML) 6 Page - Analog Devices |
|
6 / 14 page ![]() DAC8412/DAC8413 –6– REV. D PIN CONFIGURATIONS Plastic DIP VREFH VOUTB VOUTA VSS DGND RESET LDAC DB0 (LSB) DB1 DB2 DB3 DB4 DB5 DB6 DB10 DB9 DB8 DB7 DB11 (MSB) R/ W A1 A0 CS VLOGIC VDD VOUTD VOUTC VREFL 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 DAC8412 DAC8413 TOP VIEW (NOT TO SCALE) PLCC 5 6 7 8 9 10 11 DGND RESET LDAC DB0 (LSB) DB1 DB2 DB3 25 24 23 22 21 20 19 VDD VLOGIC CS A0 A1 R/ W DB11 (MSB) 4 3 2 1 28 27 26 12 13 14 15 16 17 18 DAC8412PC DAC8413PC TOP VIEW (NOT TO SCALE) LCC 5 6 7 8 9 10 11 25 24 23 22 21 20 19 4 3 2 1 28 27 26 VDD VLOGIC CS A0 A1 R/ W DB11 (MSB) DGND RESET LDAC DB0 (LSB) DB1 DB2 DB3 12 13 14 15 16 17 18 DAC8412TC DAC8413TC TOP VIEW (NOT TO SCALE) PIN FUNCTION DESCRIPTIONS Pin Name Description 1VREFH High-Side DAC Reference Input 2VOUTB DAC B Output 3VOUTA DAC A Output 4VSS Lower-Rail Power Supply 5 DGND Digital Ground 6 RESET Reset Input and Output Registers to all 0s, Enabled at Active Low 7 LDAC Load Data to DAC, Enabled at Active Low 8 DB0 Data Bit 0, LSB 9 DB1 Data Bit 1 10 DB2 Data Bit 2 11 DB3 Data Bit 3 12 DB4 Data Bit 4 13 DB5 Data Bit 5 14 DB6 Data Bit 6 15 DB7 Data Bit 7 16 DB8 Data Bit 8 17 DB9 Data Bit 9 18 DB10 Data Bit 10 19 DB11 Data Bit 11, MSB 20 R/ W Active Low to Write Data to DAC. Active High to Readback Previous Data at Data Bit Pins with VLOGIC Connected to +5 V 21 A1 Address Bit 1 22 A0 Address Bit 0 23 CS Chip Select, Enabled at Active Low 24 VLOGIC Voltage Supply for Readback Function. Can be Open Circuit If Not Used 25 VDD Upper-Rail Power Supply 26 VOUTD DAC D Output 27 VOUTC DAC C Output 28 VREFL Low-Side DAC Reference Input |