| データシートサーチシステム |
|
DAC8512FS データシート(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8512FS データシート(HTML) 18 Page - Analog Devices |
|
18 / 20 page ![]() DAC8512 –18– REV. A DAC8512–M68HC11 Interface Program Source Code * PORTC EQU $1003 Port C control register * “0,0,0,0;0,0,CLR/,CS/” DDRC EQU $1007 Port C data direction PORTD EQU $1008 Port D data register * “0,0,LD/,SCLK;SDI,0,0,0 DDRD EQU $1009 Port D data direction SPCR EQU $1028 SPI control register * “SPIE,SPE,DWOM,MSTR;CPOL,CPHA,SPRl,SPR0” SPSR EQU $1029 SPI status register * “SPIF,WCOL,0,MODF;0,0,0,0” SPDR EQU $102A SPI data register; Read-Buffer; Write-Shifter * * SDI RAM variables: SDI1 is encoded from 0 (Hex) to F (Hex) * SDI2 is encoded from 00 (Hex) to FF (Hex) * DAC requires two 8-bit loads; upper 4 bits of SDI1 * are ignored. * SDI1 EQU $00 SDI packed byte 1 “0,0,0,0;MSB,DB10,DB9,DB8” SDI2 EQU $01 SDI packed byte 2 “DB7,DB6,DB5,DB4;DB3,DB2,DB1,DB0” * ORG $C000 Start of user’s RAM in EVB INIT LDS #$CFFF Top of C page RAM * LDAA #$03 0,0,0,0;0,0,1,1 * CLR/-Hi, CS/-Hi STAA PORTC Initialize Port C Outputs LDAA #$03 0,0,0,0;0,0,1,1 STAA DDRC CLR/ and CS/ are now enabled as outputs * LDAA #$30 0,0,1,1;0,0,0,0 * LDI-Hi,SCLK-Hi,SDI-Lo STAA PORTD Initialize Port D Outputs LDAA #$38 0,0,1,1;1,0,0,0 STAA DDRD LD/,SCLK, and SDI are now enabled as outputs * LDAA #$5F STAA SPCR SPI is Master,CPHA=1,CPOL=1,Clk rate=E/32 * BSR UPDATE Xfer 2 8-bit words to DAC8512 JMP $E000 Restart BUFFALO * UPDATE PSHX Save registers X, Y, and A PSHY PSHA * LDAA #$0A 0,0,0,0;1,0,1,0 STAA SDI1 SDI1 is set to 0A (Hex) * LDAA #$AA 1,0,1,0;1,0,1,0 STAA SDI2 SDI2 is set to AA (Hex) * LDX #SDI1 Stack pointer at 1st byte to send via SDI LDY #$1000 Stack pointer at on-chip registers * BCLR PORTC,Y $02 Assert CLR/ BSET PORTC,Y $02 De-assert CLR/ * BCLR PORTC,Y $01 Assert CS/ * |