| メーカー | 部品番号 | データシート | 部品情報 |
 Pasternack Enterprises,... |
PE9804
|
75Kb / 1P |
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:8:20~12:40 GHz
|
|
PE9808
|
75Kb / 1P |
WAVEGUIDE TO N MALE FREQUENCY RANGE:7,0~11,0 GHz
|
|
PE9811
|
74Kb / 1P |
waveguide to sma male frequency range: 7,0~11,0 GHz
|
|
PE9829
|
75Kb / 1P |
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,05~10,00 GHz
|
|
PE9831
|
118Kb / 1P |
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
|
|
PE9832
|
79Kb / 1P |
waveguide to sma female frequency range: 3,95~5,85 GHz
|
|
PE9833
|
79Kb / 1P |
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:3,30~4,90 GHz
|
|
PE9834
|
80Kb / 1P |
waveguide to sma female frequency range 2,60~3,95 GHz
|
|
PE9845
|
67Kb / 1P |
WAVEGUIDE TO SMA TYPE FEMALE FREQUENCY RANGE: 15,00~22,00 GHz
|
|
PE9847
|
74Kb / 1P |
WAVEGUIDE END LAUNCH TO SMA FEMALE FREQUENCY RANGE:10,0~15,0 GHz
|