データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAMM15SA データシート(PDF) 21 Page - ITT Industries

部品番号 DAMM15SA
部品情報  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15SA データシート(HTML) 21 Page - ITT Industries

Back Button DAMM15SA Datasheet HTML 17Page - ITT Industries DAMM15SA Datasheet HTML 18Page - ITT Industries DAMM15SA Datasheet HTML 19Page - ITT Industries DAMM15SA Datasheet HTML 20Page - ITT Industries DAMM15SA Datasheet HTML 21Page - ITT Industries DAMM15SA Datasheet HTML 22Page - ITT Industries DAMM15SA Datasheet HTML 23Page - ITT Industries DAMM15SA Datasheet HTML 24Page - ITT Industries DAMM15SA Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
C
C-21
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Space Connectors
Solder Cup Plug DE-DC
Plug, Solder cup, sizes DE-DC, with empty size 8 cavities
• For contact cavity arrangements, see
page C-43.
• Size 8 contacts, please refer to Combo D
catalog.
Empty size 8 contact cavities with solder pot termination
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC/LOW OUTGASSING**
Shell
P/N with
P/N with
P/N with
size
Layout
through hole
through hole
through hole
DE
2W2
DEM2W2PK87
DEMM2W2P
DEM2W2PNMBK52
DE
2WK2
DEM2WK2PK87
DEMM2WK2P
DEM2WK2PNMBK52
DE
5W1
DEM5W1PK87
DEMM5W1P
DEM5W1PNMBK52
DA
7W2
DAM7W2PK87
DAMM7W2P
DAM7W2PNMBK52
DA
11W1
DAM11W1PK87
DAMM11W1P
DAM11W1PNMBK52
DA
3W3
DAM3W3PK87
DAMM3W3P
DAM3W3PNMBK52
DA
3WK3
DAM3WK3PK87
DAMM3WK3P
DAM3WK3PNMBK52
DB
5W5
DBM5W5PK87
DBMM5W5P
DBM5W5PNMBK52
DB
9W4
DBM9W4PK87
DBMM9W4P
DBM9W4PNMBK52
DB
13W3
DBM13W3PK87
DBMM13W3P
DBM13W3PNMBK52
DB
17W2
DBM17W2PK87
DBMM17W2P
DBM17W2PNMBK52
DB
21W1
DBM21W1PK87
DBMM21W1P
DBM21W1PNMBK52
DC
8W8
DCM8W8PK87
DCMM8W8P
DCM8W8PNMBK52
DC
13W6
DCM13W6PK87
DCMM13W6P
DCM13W6PNMBK52
DC
17W5
DCM17W5PK87
DCMM17W5P
DCM17W5PNMBK52
DC
21WA4
DCM21WA4PK87
DCMM21WA4P
DCM21WA4PNMBK52
DC
25W3
DCM25W3PK87
DCMM25W3P
DCM25W3PNMBK52
DC
27W2
DCM27W2PK87
DCMM27W2P
DCM27W2PNMBK52
DD
24W1
DDM24W1SA197
DDMM24W1S
DDM24W1SNMBK52
DD
36W4
DDM36W4SA197
DDMM36W4S
DDM36W4SNMBK52
DD
43W2
DDM43W2SA197
DDMM43W2S
DDM43W2SNMBK52
DD
47W1
DDM47W1SA197
DDMM47W1S
DDM47W1SNMBK52
*For clinch nut 4-40 UNC thread add "E", for float mount add "Y" after D*M designation
(Ex. DCMME27W2P, DGMY27W2PK87) 2W2/2WK2, 3W3/3WK3 (keyed) 5W5 and 8W8 without
signal contacts.
** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory for
more information
Shell
A
B
C
D
E
F
W
W
K
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,41 (.016)
± 0,317 (.0125) ± 0,25 (.010) ± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2,500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DF
66,93 (2.635)
51,81 (2.079)
61,11 (2,406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Dimensions
Plug
A
C
B
10˚
A2
A1
ITT
CANNON
7W25
1
2
3
4
5
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62