データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CINT1175 データシート(PDF) 6 Page - SL Power Electronics

部品番号 CINT1175
部品情報  A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLPOWER [SL Power Electronics]
ホームページ  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175 データシート(HTML) 6 Page - SL Power Electronics

  CINT1175 Datasheet HTML 1Page - SL Power Electronics CINT1175 Datasheet HTML 2Page - SL Power Electronics CINT1175 Datasheet HTML 3Page - SL Power Electronics CINT1175 Datasheet HTML 4Page - SL Power Electronics CINT1175 Datasheet HTML 5Page - SL Power Electronics CINT1175 Datasheet HTML 6Page - SL Power Electronics CINT1175 Datasheet HTML 7Page - SL Power Electronics CINT1175 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 17-DEC-12
6
Output Specifications (continued)
Parameter
Conditions/Description
Min
Nom
Max
Units
Hold-Up Time
Starting at Vi = 230 VAC, Po nom
-
16
-
ms
Dynamic Load Regulation
Load change =50%, di/dt =0.2A/μS
voltage deviation 3%
0
3
% Vo nom
Start-Up Time
Vi nom, Io nom
0
-
2
s
Protection
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Fuse
Not user accessible
Input Transient Protection
2KV(CM) and 1KV(DM) surge
2
KV (CM)
Output
No-load and short circuit proof
Hiccup or Latch
short circuit proof
Hiccup or Latch
overload (latch style)
Hiccup
Overvoltage Protection
Latch style
Latch
Over temperature Protection
Automatic power shutdown at TC =155°C
Characteristic Curves
Output vs. Temperature
120W convection cooled and 175W continuous with 200 LFM airflow, Derating output power to 50% at 70
C.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com