| データシートサーチシステム |
|
OP481GS データシート(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP481GS データシート(HTML) 15 Page - Analog Devices |
|
15 / 16 page ![]() OP181/OP281/OP481 –15– REV. 0 14-Lead Plastic DIP (N-14) 14 17 8 0.795 (20.19) 0.725 (18.42) 0.280 (7.11) 0.240 (6.10) PIN 1 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 14-Lead Narrow Body SOIC (SO-14) 14 8 7 1 0.3444 (8.75) 0.3367 (8.55) 0.2440 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (3.80) PIN 1 SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 14-Lead TSSOP (RU-14) 14 8 7 1 0.201 (5.10) 0.193 (4.90) PIN 1 SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) BSC 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 8-Lead Plastic DIP (N-8) 8 14 5 0.430 (10.92) 0.348 (8.84) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 8-Lead SOIC (SO-8) 0.1968 (5.00) 0.1890 (4.80) 8 5 4 1 0.2440 (6.20) 0.2284 (5.80) PIN 1 0.1574 (4.00) 0.1497 (3.80) 0.0688 (1.75) 0.0532 (1.35) SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0500 (1.27) BSC 0.0098 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 8-Lead TSSOP (RU-8) 8 5 4 1 0.122 (3.10) 0.114 (2.90) PIN 1 0.0256 (0.65) BSC SEATING PLANE 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0433 (1.10) MAX 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 ° 0 ° |