データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP249GS データシート(PDF) 15 Page - Analog Devices

部品番号 OP249GS
部品情報  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP249GS データシート(HTML) 15 Page - Analog Devices

Back Button OP249GS Datasheet HTML 9Page - Analog Devices OP249GS Datasheet HTML 10Page - Analog Devices OP249GS Datasheet HTML 11Page - Analog Devices OP249GS Datasheet HTML 12Page - Analog Devices OP249GS Datasheet HTML 13Page - Analog Devices OP249GS Datasheet HTML 14Page - Analog Devices OP249GS Datasheet HTML 15Page - Analog Devices OP249GS Datasheet HTML 16Page - Analog Devices OP249GS Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
OP249
–15–
REV. C
OP249 SPICE MACRO-MODEL
Figures 53 and Table I show the node and net list for a SPICE
macromodel of the OP249 The model is a simplified version of
the actual device and simulates important dc parameters such as
VOS, IOS, IB, AVO, CMR, VO and ISY. AC parameters such as
slew rate, gain and phase response and CMR change with fre-
quency are also simulated by the model.
99
I1
V2
4
7
IOS
CIN
3
J1
J2
EOS
R3
R4
C2
5
6
50
2
IN–
IN+
R1
R2
V3
10
D2
D1
8
9
R5
C3
C4
R6
G3
G4
R8
R7
13
C6
C5
12
R9
R10
G6
G5
R11
R12
R13
R14
L2
L1
G1
G2
1
14
15
16
G7
99
17
G8
C9
R15
R16
C10
C11
R17
R18
C12
G11
18
19
20
L3
G12
C13
C14
G13
G14
R22
R21
R20
R19
G9
G10
21
22
L4
50
50
99
G15
G16
R23
R24
C15
C16
R26
R25
24
23
25
26
D3
D4
D7
D8
G17
G18
R27
R28
L5
30
29
D5
D6
VOUT
G19
G20
27
28
+–
+–
V4
V5
Figure 53. OP249 Macro-Model
The model uses typical parameters for the OP249. The poles
and zeros in the model were determined from the actual open
and closed-loop gain and phase response of the OP249. In this
way the model presents an accurate ac representation of the
actual device. The model assumes an ambient temperature of
25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17