| データシートサーチシステム |
|
OP37GZ データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP37GZ データシート(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() REV. A –4– OP37–SPECIFICATIONS Electrical Characteristics OP37A OP37C Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Input Offset Voltage VOS Note 1 10 25 30 100 µV Average Input Offset Drift TCVOS Note 2 TCVOSN Note 3 0.2 0.6 0.4 1.8 µV/°C Input Offset Current IOS 15 50 30 135 nA Input Bias Current IB ±20 ±60 ±35 ±150 nA Input Voltage Range IVR ±10.3 ±11.5 ±± 10.2 ±11.5 V Common Mode Rejection Ratio CMRR VCM = ±10 V 108 122 94 116 dB Power Supply Rejection Ratio PSRR VS = ±4.5 V to ±18 V 2 16 4 51 µV/ V Large-Signal Voltage Gain AVO RL ≥ 2 kΩ, VO = ±10 V 600 1200 300 800 V/m V Output Voltage Swing VO RL ≥ 2 kΩ±11.5 ±13.5 ±10.5 ±13.0 V Electrical Characteristics OP37E OP37F OP37C Parameter Symbol Conditions Min Typ Max Min Typ Max Min Typ Max Unit Input Offset Voltage VOS 20 50 40 140 55 220 µV Average Input Offset Drift TCVOS Note 2 TCVOSN Note 3 0.2 0.6 0.3 1.3 0.4 1.8 µV/°C Input Offset Current IOS 10 50 14 85 20 135 nA Input Bias Current IB ±14 ±60 ±18 ±95 ±25 ±150 nA Input Voltage Range IVR ±10.5 ±11.8 ±10.5 ±11.8 ±10.5 ±11.8 V Common Mode Rejection Ratio CMRR VCM = ±10 V 108 122 100 119 94 116 dB Power Supply Rejection Ratio PSRR VS = ±4.5 V to ±18 V 2 15 2 16 4 32 µV/ V Large-Signal Voltage Gain AVO RL ≥ 2 kΩ, VO = ±10 V 750 1500 700 1300 450 1000 V/mV Output Voltage Swing VO RL ≥ 2 kΩ±11.7 ±13.6 ±11.4 ±13.5 ±11 ±13.3 V NOTES 1Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. A/E grades guaranteed fully warmed up. 2The TC VOS performance is within the specifications unnulled or when nulled withRP = 8 k Ω to 20 kΩ. TC VOS is 100% tested for A/E grades, sample tested for F/G grades. 3Guaranteed by design. ( VS = 15 V, –55 C < TA < +125 C, unless otherwise noted.) (VS = 15 V, –25 C < TA < +85 C for OP37EZ/FZ, 0 C < TA < 70 C for OP37EP/FP, and –40 C < TA < +85 C for OP37GP/GS/GZ, unless otherwise noted.) |