| データシートサーチシステム |
|
STM32F102xB データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102xB データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 76 page ![]() STM32F102x8, STM32F102xB Introduction Doc ID 15056 Rev 4 7/76 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of STM32F102x8 and STM32F102xB medium-density USB access line microcontrollers. For more details on the whole STMicroelectronics STM32F102xx family, please refer to Section 2.2: Full compatibility throughout the family. The medium-density STM32F102xx datasheet should be read in conjunction with the low-, medium- and high-density STM32F10xxx reference manual. For information on programming, erasing and protection of the internal Flash memory please refer to the STM32F10xxx Flash programming manual. The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337e/. |