| データシートサーチシステム |
|
OP471GSZ データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP471GSZ データシート(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() REV. A OP471 –12– Quad Programmable Gain Amplifier The combination of the quad OP471 and the DAC8408, a quad 8-bit CMOS DAC, creates a space-saving quad programmable gain amplifier. The digital code present at the DAC, which is easily set by a microprocessor, determines the ratio between the fixed DAC feedback resistor and the impedance the DAC ladder presents to the op amp feedback loop. Gain of each amplifier is: V V = – 256 n OUT IN where n equals the decimal equivalent of the 8-bit digital code present at the DAC. If the digital code present at the DAC consists of all zeros, the feedback loop will be open causing the op amp output to saturate. The 20 M W resistors placed in parallel with the DAC feedback loop eliminates this problem with a very small reduction in gain accuracy. 1/4 OP470E +15V –15V VOUTA IOUT1A DAC A VREF IOUT2A/2B RFBA DGND VDD DAC-8408ET VINA DAC DATA BUS PINS 9 (LSB) – 16 (MSB) R1 20M 1/4 OP470E VOUTB IOUT1B DAC B VREF RFBB VINB R2 20M 1/4 OP470E VOUTC IOUT1C DAC C VREF RFBC VINC R3 20M 1/4 OP470E VOUTD IOUT1D VREF RFBD VIND R4 20M DAC D IOUT2C/2D A B C D Figure 17. Quad Programmable Gain Amplifier |