| データシートサーチシステム |
|
REF01EJ データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF01EJ データシート(HTML) 5 Page - Analog Devices |
|
5 / 12 page ![]() REV. C –5– REF01 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the REF01 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ABSOLUTE MAXIMUM RATINGS * Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V Output Short Circuit Duration (to Ground or VIN) . . . . . . . . . . . . . . . . . . . . . . . . Indefinite Storage Temperature Range J, RC, and Z Packages . . . . . . . . . . . . . . . –65 °C to +150°C P Package . . . . . . . . . . . . . . . . . . . . . . . . . –65 °C to +125°C Operating Temperature Range REF01A . . . . . . . . . . . . . . . . . . . . . . . . . . –55 °C to +125°C REF01CJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 °C to 70°C REF01CP, REF01CS, REF01E, REF01H . . . . . . . . . . . . . . . . . . . . . . . . . –40 °C to +85°C Junction Temperature (TJ) . . . . . . . . . . . . . –65°C to +150°C Lead Temperature (Soldering @ 60 sec) . . . . . . . . . . . . 300 °C *Absolute maximum ratings apply to both DICE and packaged parts, unless other- wise noted. Package Type JA* JC Unit TO-99 (J) 170 24 °C/W 8-Pin Hermetic DIP (Z) 162 26 °C/W 8-Pin Plastic DIP (P) 110 50 °C/W 8-Pin SO (S) 160 44 °C/W * JA is specified for worst-case mounting conditions, i.e., JA is specified for device in socket for TO, CERDIP, and P-DIP pack- ages; JA is specified for device soldered to printed circuit board for SO package. ORDERING GUIDE 1 TA = 25 C Package Description Operating VOS Max CERDIPS PDIP SOIC Temperature (mV) TO-99 8-Lead 8-Lead 8-Lead Range ±30 REF01AZ 2 MIL ±30 REF01EJ REF01EZ XIND ±50 REF01HZ REF01HP REF01HS3 XIND ±100 REF01CJ COM ±100 REF01CP REF01CS 3 XIND ±100 XIND NOTES 1Burn-in is available on commercial and industrial temperature range parts in Cerdip, plastic DIP, and TO-can packages. 2For devices processed in total compliance to MIL-STD-883, add 883 after part number. Consult factory for 883 data sheet. 3For availability and burn-in information on SO package, contact your local sales office. |