| データシートサーチシステム |
|
AMS26 データシート(PDF) 4 Page - Advanced Monolithic Systems |
|
|
|||||||||||||||||||||||||||||
AMS26 データシート(HTML) 4 Page - Advanced Monolithic Systems |
|
4 / 4 page ![]() Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140 AMS26 TYPICAL APPLICATIONS CPU Reset Circuit Input Voltage to AMS26 is the same as the input voltage to CPU. Input Voltage to AMS26 is different from the input voltage to CPU. Output Delay Time Circuit Voltage Level Indicator Circuit (lighted when the power runs out) Detector Threshold Changing Circuit Window Comparator Circuit AMS26A SERIES RESET GND CPU V DD V DD V DD GND OUT R 100 Ω AMS26A SERIES RESET GND CPU V DD V DD2 V DD GND OUT R 100 Ω V DD1 AMS26A SERIES RESET GND CPU V DD V DD V DD GND OUT R 100 Ω AMS26A SERIES GND OUT V DD V DD AMS26A SERIES V DD V DD GND OUT R1 R2 C Changed Detector Threshold ) (-V R2 R2 R1 DET + = Hysteresis Voltage ) (-V R2 R2 R1 HYS + = When the value of R1 becomes excessively large, the detector threshold detected may differ from the value calculated using above formula. AMS26A SERIES V DD GND OUT AMS26A SERIES V DD GND OUT 100 Ω V DET1 V DET2 OUT V DD V DD V SS OUT V SS V DET1 V DET2 |