| データシートサーチシステム |
|
AMSREF-01E データシート(PDF) 3 Page - Advanced Monolithic Systems |
|
|
|||||||||||||||||||||||||||||
AMSREF-01E データシート(HTML) 3 Page - Advanced Monolithic Systems |
|
3 / 5 page ![]() Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140 AMSREF-01 Note 2: The output voltage change with temperature ( ∆V OT) is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed as a percentage of 10V: ∆V OT = [(V MAX -VMIN)/10V ] x 100 Note 3: ∆V OT specification applies trimmed to +10.000V or untrimmed Note 4: TCVO is defined as ∆V OT divided by the temperature range: TCVO (-40 °C to +85°C)= [∆V OT (-40 °C to +85°C)] / 125°C Note 5: Line and Load Regulation specifications include the effect of self heating. Note 6: During sink current test, the device meets the output voltage specified. TYPICAL PERFORMANCE CHARACTERISTICS Normalized Load Regulation ( ∆∆I L = 10mA) vs Temperature TEMPERATURE (° C) -60 -40 20 60 100 0.6 1.1 1.3 1.4 1.2 1.0 0.9 0.8 0.7 V IN = 15V -20 0 40 80 120 140 0 5 35 0 15 20 30 INPUT VOLTAGE (V) Maximum Load Current vs Input Voltage 20 25 25 10 15 30 Normalized Line Regulation ( ∆∆I L = 10mA vs Temperature TEMPERATURE (° C) -60 -40 20 60 100 0.6 1.1 1.3 1.4 1.2 1.0 0.9 0.8 0.7 -20 0 40 80 120 140 Maximum Load Current vs Temperature TEMPERATURE (° C) -60 -40 20 60 100 0 20 25 30 15 10 5 V IN = 15V -20 0 40 80 120 140 TEMPERATURE (° C) -60 -40 20 60 100 0.7 1.1 1.2 1.3 1.0 0.9 0.8 V IN = 15V -20 0 40 80 120 140 Quiescent Current vs Temperature SHORT CIRCUIT PROTECTION 500mW MAXIMUM DISSIPATION T A = 25° C |