| データシートサーチシステム |
|
APT15GT60BRD データシート(PDF) 5 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT15GT60BRD データシート(HTML) 5 Page - Advanced Power Technology |
|
5 / 5 page ![]() APT15GT60BRD PEARSON 411 CURRENT TRANSFORMER 0.5 IRRM di F/dt Adjust 30 µH D.U.T. +15v -15v 0v Vr Dimensions in Millimeters and (Inches) 4 3 1 2 5 5 0.75 IRRM trr/Qrr Waveform Zero 6 1 2 3 4 6 di F/dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. I F - Forward Conduction Current I RRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr. Current Falling Through Zero to a Tangent Line { diM/dt } Extrapolated Through Zero Defined by 0.75 and 0.50 I RRM. 6 Figure 25, Diode Reverse Recovery Test Circuit and Waveforms Figure 8, Diode Reverse Recovery Waveform and Definitions Qrr = 1/2 (trr . IRRM) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) BSC 4.50 (.177) Max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) BSC 3.55 (.140) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) 2-Plcs. Collector (Cathode) Emitter (Anode) Gate TO-247 Package Outline |