データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KC3225A-C3 データシート(PDF) 1 Page - Kyocera Kinseki Corpotation

部品番号 KC3225A-C3
部品情報  CMOS/ 3.3V/ 3.2횞2.5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KSS [Kyocera Kinseki Corpotation]
ホームページ  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC3225A-C3 データシート(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC3225A-C3 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clock Oscillators Surface Mount Type
KC3225A-C3 Series (K25-3C Series)
CMOS/ 3.3V/ 3.2
×2.5mm
RoHS Compliant
Features
• Miniature ceramic package
• Highly reliable with seam welding
• CMOS output
• Supply voltage VCC
=3.3V
±25×10-6 available
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard specifications
S
± 30
With only certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
How to Order
KC3225A 25.0000 C 3 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (3.2×2.5mm SMD)
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage (3.3V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
1.5
125
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating tem-
perature range, Rated power supply
voltage change, Load change, Aging
(1 year @25
°C), Shock and vibration
Op. Temp.:
-40 to +85°C
-100
+100
×10-6
Op. Temp.:
-10 to +70°C/ -40 to +85°C
-50
+50
Op. Temp.:
-10 to +70°C
-30
+30
Op. Temp.:
-10 to +70°C
-25
+25
Storage Temperature Range
T_stg
-55
+125
°C
Operating Temperature Range
T_use
Standard Specifications
-10
+70
°C
Extend (Option)
-40
+85
Max. Supply Voltage
-0.5
+7
V
Supply Voltage
VCC
Freq. Tol.Code: 0, S, F
+2.97
+3.63
V
Freq. Tol.Code: U, G
+3.14
+3.46
Current Consumption
(Maximum Loaded)
ICC
1.5
≤fo≤26MHz
6
mA
26
<fo≤50MHz
8
50
<fo≤67.5MHz
12
67.5
<fo≤95MHz
20
95
<fo≤125MHz
25
Stand-by Current
I_std
10
μA
Symmetry
SYM
@50% VCC
45
55
%
Rise/ Fall Time
(10% VCC to 90% VCC Maximum Loaded)
tr/ tf
1.5
≤fo≤67.5MHz
5
ns
67.5
<fo≤125MHz
3
Low Level Output Voltage
VOL
IOL
=4mA
10% VCC
V
High Level Output Voltage
VOH
IOH
=-4mA
90% VCC
V
CMOS Load
L_CMOS CMOS Output
15
pF
Input Voltage Range
VIN
0
VCC
V
Low Level Input Voltage
VIL
30% VCC
V
High Level Input Voltage
VIH
70% VCC
V
Disable Time
t_dis
150
ns
Enable Time
t_ena
5
ms
Start-up Time
t_str
@Minimum operating voltage to be 0 sec.
10
ms
1 Sigma Jitter
JSigma
Measured with Wavecrest DTS-2079
VISI 6.3.1
1.5
≤fo≤60MHz
8
ps
60
<fo≤125MHz
5
ps
Peak to Peak Jitter
JPK-PK
1.5
≤fo≤60MHz
80
ps
60
<fo≤125MHz
40
ps
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Recommended Land Pattern (Unit: mm)
Plating: Ni+Au
Tolerance: ±0.1
Pad Connections
#1 INH
#2 Case GND
#3 Output
#4 VCC
INH Function
Pad1
Pad3 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
3.2
0.90
1.00
#1
#2
#3 #4
Note: A capacitor of value 0.01
µF between VCC
and GND is recommended.
2.2
1.2


同様の部品番号 - KC3225A-C3

メーカー部品番号データシート部品情報
logo
Kyocera Kinseki Corpota...
KC3225A-C3 KSS-KC3225A-C3 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_V01 Datasheet
63Kb / 1P
CMOS/ 3.3V/ 3.2×2.5mm
More results

同様の説明 - KC3225A-C3

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
GXO5331 GOLLEDGE-GXO5331 Datasheet
58Kb / 1P
3.3V CMOS Oscillator
logo
Kyocera Kinseki Corpota...
KC3225A-C2 KSS-KC3225A-C2 Datasheet
110Kb / 1P
CMOS/ 2.5V/ 3.2횞2.5mm
CX3225CA KSS-CX3225CA Datasheet
98Kb / 1P
3.2횞2.5mm for Automotive
CX3225GA KSS-CX3225GA Datasheet
153Kb / 1P
3.2횞2.5mm for Automotive
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
CX3225SA KSS-CX3225SA Datasheet
119Kb / 1P
3.2횞2.5mm for Automotive
KC7050A-C3 KSS-KC7050A-C3 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 7.0횞5.0mm
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531_16 Datasheet
189Kb / 2P
3.3V CMOS Oscillator
logo
Pericom Semiconductor C...
MK-3.3V PERICOM-MK-3.3V Datasheet
709Kb / 4P
3.3V CMOS SSXO
MN-3.3V PERICOM-MN-3.3V Datasheet
671Kb / 4P
3.3V CMOS SSXO
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com