| データシートサーチシステム |
|
APT30D40HCT データシート(PDF) 4 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT30D40HCT データシート(HTML) 4 Page - Advanced Power Technology |
|
4 / 4 page ![]() TO-258AA Package Outline APT Reserves the right to change, without notice, the specifications and information contained herein. PEARSON 411 CURRENT TRANSFORMER 0.5 IRRM di F/dt Adjust 30 µH D.U.T. +15v -15v 0v Vr 4 3 1 2 5 5 0.75 IRRM trr/Qrr Waveform Zero 6 1 2 3 4 6 di F/dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. I F - Forward Conduction Current I RRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr. Current Falling Through Zero to a Tangent Line { diM/dt } Extrapolated Through Zero Defined by 0.75 and 0.50 I RRM. 6 Figure 9, Diode Reverse Recovery Test Circuit and Waveforms Figure 10, Diode Reverse Recovery Waveform and Definitions Qrr = 1/2 (trr . IRRM) 5.08 (.200) BSC 1.14 (.045) 0.88 (.035) 17.65 (.695) 17.39 (.685) 4.19 (.165) 3.94 (.155) Anode 1 Common Cathode Anode 2 1.65 (.065) 1.39 (.055) Dia. Typ. 3 Leads 17.96 (.707) 17.70 (.697) 19.05 (0.750) 12.70 (0.500) 21.21 (.835) 20.70 (.815) 8.89 (.350) 8.63 (.340) Dimensions in Millimeters and (Inches) 3.56 (.140) BSC 6.86 (.270) 6.09 (.240) TO-258AA (Revised 3/1/90) 13.84 (.545) 13.58 (.535) APT30D40HCT |