データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3092 データシート(PDF) 1 Page - KR Electronics, Inc.

部品番号 3092
部品情報  40 MHz Absorptive Notch Absorptive in both directions forward and reverse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KR [KR Electronics, Inc.]
ホームページ  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3092 データシート(HTML) 1 Page - KR Electronics, Inc.

  3092 Datasheet HTML 1Page - KR Electronics, Inc. 3092 Datasheet HTML 2Page - KR Electronics, Inc. 3092 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3092, Rev 0, March 1, 2013
KR Electronics, Inc.
KR Electronics part number 3092 is a 40 MHz absorptive notch
filter. The filter has a typical 3 dB bandwidth of 16.5 MHz and
has a maintains 50 dB rejection from 39 MHz to 41 MHz. The
filter is absorptive in both the forward and reverse direction
providing excellent match even at the notch frequency. Other
center frequencies and bandwidths are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 40 MHz Absorptive Notch
 Absorptive in both directions for-
ward and reverse
 16.5 MHz typical 3 dB Bandwidth
 50 dB min notch rejection
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response & VSWR In/Out
(10 dB/div & 0.5/div)


同様の部品番号 - 3092

メーカー部品番号データシート部品情報
logo
Heyco.
3092 HEYCO-3092 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3092 ABBATRON-3092 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3092 KEYSTONE-3092 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Tyco Electronics
30926 MACOM-30926 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
30927 MACOM-30927 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
More results

同様の説明 - 3092

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Communications & Power ...
VLL1782 CPI-VLL1782 Datasheet
145Kb / 1P
UHF Absorptive Limiter
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
Voltage Variable Absorptive
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
Voltage Variable Absorptive
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
Absorptive SPST UltraCMOS
logo
KR Electronics, Inc.
3203 KR-3203 Datasheet
63Kb / 3P
10 MHz Bidirectional Absorptive
logo
M/A-COM Technology Solu...
MAAV-007092-000100 MA-COM-MAAV-007092-000100_15 Datasheet
89Kb / 4P
Voltage Variable Absorptive
logo
KR Electronics, Inc.
3203-12 KR-3203-12 Datasheet
65Kb / 3P
12 MHz Bidirectional Absorptive Notch
3203-8.5 KR-3203-8.5 Datasheet
64Kb / 3P
8.5 MHz Bidirectional Absorptive Notch
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com