データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3245 データシート(PDF) 10 Page - Linear Technology

部品番号 LTC3245
部品情報  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3245 データシート(HTML) 10 Page - Linear Technology

Back Button LTC3245 Datasheet HTML 6Page - Linear Technology LTC3245 Datasheet HTML 7Page - Linear Technology LTC3245 Datasheet HTML 8Page - Linear Technology LTC3245 Datasheet HTML 9Page - Linear Technology LTC3245 Datasheet HTML 10Page - Linear Technology LTC3245 Datasheet HTML 11Page - Linear Technology LTC3245 Datasheet HTML 12Page - Linear Technology LTC3245 Datasheet HTML 13Page - Linear Technology LTC3245 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3245
10
3245f
For more information www.linear.com/LTC3245
applicaTions inForMaTion
2:1 Step-Down Charge Pump Operation
When the input supply is greater than about two times
the output voltage, the LTC3245 will operate in 2:1 step-
down mode. Charge transfer happens in two phases. On
the first phase the flying capacitor (CFLY) is connected
between VIN and VOUT. On this phase CFLY is charged up
and current is delivered to VOUT. On the second phase the
flying capacitor (CFLY) is connected between VOUT and
GND. The charge stored on CFLY during the first phase
is transferred to VOUT on the second phase. When in 2:1
step-down mode the input current will be approximately
half of the total output current. The efficiency (
η) and chip
power dissipation (PD) in 2:1 are approximately:
η ≅
POUT
PIN
=
VOUT •IOUT
VIN• 12 IOUT
=
2VOUT
VIN
PD=
VIN
2
– VOUT


IOUT
1:1 Step-Down Charge Pump Operation
When the input supply is less than about two times the
output voltage but more than the programmed output
voltage, the LTC3245 will operate in 1:1 step-down mode.
This method of regulation is very similar to a linear regula-
tor. Charge is delivered directly from VIN to VOUT through
most of the oscillator period. The charge transfer is briefly
interrupted at the end of the period. The interruption in
charge transfer improves stability and transient response.
When in 1:1 step-down mode the input current will be
approximately equal to the total output current. Thus
efficiency (
η) and chip power dissipation (PD) in 1:1 are
approximately:
η ≅
POUT
PIN
=
VOUT •IOUT
VIN• IOUT
=
VOUT
VIN
PD= VIN– VOUT
(
) IOUT
1:2 Step-Up Charge Pump Operation
When the input supply is less than the output voltage the
LTC3245 will operate in 1:2 step-up mode. Charge trans-
fer happens in two phases. On the first phase the flying
capacitor (CFLY) is connected between VIN and GND. On
this phase CFLY is charged up. On the second phase the
flying capacitor (CFLY) is connected between VIN and VOUT
and the charge stored on CFLY during the first phase is
transferred to VOUT. When in 1:2 step-up mode the input
current will be approximately twice the total output cur-
rent. Thus efficiency (
η) and chip power dissipation (PD)
in 1:2 are approximately:
η ≅
POUT
PIN
=
VOUT •IOUT
VIN• 2IOUT
=
VOUT
2VIN
PD= 2VIN– VOUT
(
) IOUT
Due to the limited drive in 1:2 step-up mode the device
always operates in Burst Mode operation when operating
at this conversion ratio. This is done to delay the onset of
dropout at the expense of more output ripple.
PGOOD Output Operation
TheLTC3245includesanopen-drainpowergood(PGOOD)
output pin. If the chip is in shutdown or under UVLO con-
ditions (VIN < 2.2V typical), PGOOD is low impedance to
ground.PGOODbecomeshighimpedancewhenVOUTrises
to 95% (typical) of its regulation voltage. PGOOD stays
high impedance until VOUT is shut down or drops below
the PGOOD threshold (91% typical) due to an overload
condition. A pull-up resistor can be inserted between
PGOOD and a low voltage positive logic supply (such as
VOUT) to signal a valid power good condition. The use of
a large pull-up resistor on PGOOD and a capacitor placed
betweenPGOODandGNDcanbeusedtodelaythePGOOD
signal if desired.
VOUT Ripple and Capacitor Selection
The type and value of capacitors used with the LTC3245
determine several important parameters such as regula-
tor control loop stability, output ripple and charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com