データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML63SB データシート(PDF) 2 Page - Minilogic Device Corporation Limited

部品番号 ML63SB
部品情報  DC-DC Converter Small number of external components: inductor, diode and capacitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINILOGIC [Minilogic Device Corporation Limited]
ホームページ  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63SB データシート(HTML) 2 Page - Minilogic Device Corporation Limited

  ML63SB Datasheet HTML 1Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 5Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 6Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 7Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 8Page - Minilogic Device Corporation Limited ML63SB Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P2/11
Rev. D, August 2011
ML63S
SOT23:
ML63SA Series
Part No.
Marking
Description
ML63SA30MRG
7BXX
ML63SA33MRG
77XX
XX = Production Date
ML63SA36MRG
74XX
Code
ML63SA45MRG
7KXX
e.g. B2
ML63SA50MRG
70XX
ML63SC Series
Part No.
Marking
Description
ML63SC30MRG
7EXX
ML63SC33MRG
7AXX
XX = Production Date
ML63SC36MRG
7HXX
Code
ML63SC45MRG
7SXX
e.g. B2
ML63SC50MRG
73XX
SOT89:
ML63SA and ML63SB Series
Designator
Description
1,2
Year Code
e.g. 05 = Year 2005
3,4
Week Code
e.g. 30 = Week 30
5,6
Output Voltage
e.g. 30 = 3.0V
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11