データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4613 データシート(PDF) 27 Page - Linear Technology

部品番号 LTM4613
部品情報  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 データシート(HTML) 27 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LTM8001
27
8001f
For more information www.linear.com/8001
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
PACKAGE PHOTO
Table 3. LTM8001 Pinout (Sorted by Pin Number)
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
A1
GND
B1
GND
C1
GND
D1
GND
E1
GND
F1
GND
A2
GND
B2
GND
C2
GND
D2
GND
E2
GND
F2
GND
A3
VOUT0
B3
VOUT0
C3
VOUT0
D3
GND
E3
GND
F3
GND
A4
VOUT0
B4
VOUT0
C4
VOUT0
D4
GND
E4
GND
F4
GND
A5
VOUT0
B5
VOUT0
C5
VOUT0
D5
GND
E5
GND
F5
GND
A6
VIN45
B6
VIN45
C6
VIN45
D6
GND
E6
GND
F6
GND
A7
VIN45
B7
VIN45
C7
VIN45
D7
GND
E7
GND
F7
GND
A8
BIAS45
B8
BIAS123
C8
GND
D8
GND
E8
GND
F8
GND
A9
SET5
B9
GND
C9
GND
D9
GND
E9
GND
F9
GND
A10
VOUT5
B10
GND
C10
GND
D10
GND
E10
GND
F10
GND
A11
VOUT5
B11
VOUT4
C11
VOUT4
D11
SET4
E11
VOUT3
F11
VOUT3
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
PIN
NAME
G1
GND
H1
GND
J1
VIN0
K1
VIN0
L1
VIN0
G2
GND
H2
GND
J2
VIN0
K2
VIN0
L2
VIN0
G3
GND
H3
GND
J3
VIN0
K3
VIN0
L3
VIN0
G4
GND
H4
GND
J4
GND
K4
SS
L4
RUN
G5
GND
H5
GND
J5
GND
K5
GND
L5
FB0
G6
GND
H6
GND
J6
GND
K6
GND
L6
COMP
G7
GND
H7
GND
J7
GND
K7
SYNC
L7
RT
G8
GND
H8
GND
J8
GND
K8
VREF
L8
ILIM
G9
GND
H9
GND
J9
GND
K9
GND
L9
SET1
G10
GND
H10
GND
J10
GND
K10
GND
L10
VOUT1
G11
SET3
H11
SET2
J11
VOUT2
K11
VOUT2
L11
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28