| データシートサーチシステム |
|
APT60D100LCT データシート(PDF) 4 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT60D100LCT データシート(HTML) 4 Page - Advanced Power Technology |
|
4 / 4 page ![]() TO-264 Package Outline APT Reserves the right to change, without notice, the specifications and information contained herein. PEARSON 411 CURRENT TRANSFORMER 0.5 IRRM di F/dt Adjust 30 µH D.U.T. +15v -15v 0v Vr 4 3 1 2 5 5 0.75 IRRM trr/Qrr Waveform Zero 6 1 2 3 4 6 di F/dt - Current Slew Rate, Rate of Forward Current Change Through Zero Crossing. I F - Forward Conduction Current I RRM - Peak Reverse Recovery Current. trr - Reverse Recovery Time Measured from Point of IF Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr. Current Falling Through Zero to a Tangent Line { diM/dt } Extrapolated Through Zero Defined by 0.75 and 0.50 I RRM. 6 Figure 9, Diode Reverse Recovery Test Circuit and Waveforms Figure 10, Diode Reverse Recovery Waveform and Definitions Qrr = 1/2 (trr . IRRM) 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090) 2.69 (.106) 0.76 (.030) 1.30 (.051) 3.10 (.122) 3.48 (.137) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) Common Cathode Anode 2 Anode 1 Dimensions in Millimeters and (Inches) 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs. APT60D100LCT |