| データシートサーチシステム |
|
ARF443 データシート(PDF) 4 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
ARF443 データシート(HTML) 4 Page - Advanced Power Technology |
|
4 / 4 page ![]() 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) BSC 4.50 (.177) Max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) Dimensions in Millimeters and (Inches) ARF44O SOURCE GATE DRAIN 3.55 (.138) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) BSC 4.50 (.177) Max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 3.55 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) SOURCE DRAIN GATE Dimensions in Millimeters and (Inches) ARF44E 5.45 (.215) BSC 2-Plcs. 5.45 (.215) BSC 2-Plcs. ARF442/443 CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. TO-247AD Package Outline NOTE: The ARF442 and ARF443 comprise a symmetric pair of RF power transistors and meet the same electrical specifications. The device pin-outs are the mirror image of each other to allow ease of use as a push-pull pair. ARF443 ARF442 USA 405 S.W. Columbia Street Bend, Oregon 97702-1035 Phone: (541) 382-8028 FAX: (541) 388 -0364 EUROPE Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord F-33700 Merignac - France Phone: (33) 5 57 92 15 15 FAX: (33) 5 56 47 97 61 |