| データシートサーチシステム |
|
ACT-SF512K32 データシート(PDF) 6 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT-SF512K32 データシート(HTML) 6 Page - Aeroflex Circuit Technology |
|
6 / 11 page ![]() Aeroflex Circuit Technology SCD3852 REV A 5/20/98 Plainview NY (516) 694-6700 6 AC Waveforms for Flash Memory Read Operations tOH tCE tOE tACC tRC tDF Output Valid High Z High Z Outputs OE FWE FCE Addresses Addresses Stable FWE OE FCE Data Addresses 5.0V 5555H PA Data Polling PA D7 DOUT PD AOH tWHWH1 tOE tRC tCE tDF tOH tAH tAS tDH tWPH tWP tDS tCE tWC Write/Erase/Program Operation for Flash Memory, FWE Controlled Notes: 1. PA is the address of the memory location to be programmed. 2. PD is the data to be programmed at byte address. 3. D7 is the 0utput of the complement of the data written to the deviced. 4. Dout is the output of the data written to the device. 5. Figure indicates last two bus cycles of four bus cycle sequence. tGHWL |