| データシートサーチシステム |
|
ACT15530LB データシート(PDF) 12 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT15530LB データシート(HTML) 12 Page - Aeroflex Circuit Technology |
|
12 / 15 page ![]() Aeroflex Circuit Technology SCD15530 REV B 7/28/99 Plainview NY (516) 694-6700 12 Figure 16: 24-Lead Ceramic DIL (Solder Seal) - Package Style C Ref. Min. Nom. Max. A - - 5.60 (0.220) A1 0.38 (0.015) - 1.53 (0.060) b 0.35 (0.014) - 0.59 (0.023) c 0.20 (0.008) - 0.36 (0.014) D - - 30.79 (1.212) e - 2.54 (0.100) Typ - e1 - 15.24 (0.600) Typ - H 4.71 (0.185) - 5.38 (0.212) ME - - 15.90 (0.626) W - - 1.53 (0.060) Dimensions in mm (inches) VDD Encoder Clock Send Clock In Send Data Sync Select Encoder Enable Serial Data In Bipolar One Out Output Inhibit Bipolar Zero Out ÷÷ 6 Out Master Reset Valid Word Encoder Shift Clock Take Data Serial Data Out Decoder Clock Bipolar Zero In Bipolar One In Unipolar Data In Decoder Shift Clock Command/Data Sync Decoder Reset VSS 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 ME Seating Plane e1 0-15° c A H A1 b Alernative Pin Shapes W e D Pin 1 Notch 0-15° |