データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT4423-D データシート(PDF) 7 Page - Aeroflex Circuit Technology

部品番号 ACT4423-D
部品情報  ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEROFLEX [Aeroflex Circuit Technology]
ホームページ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4423-D データシート(HTML) 7 Page - Aeroflex Circuit Technology

  ACT4423-D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4423-D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4423-D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4423-D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4423-D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4423-D Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4423-D Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Aeroflex Circuit Technology
SCD4423 REV B 6/3/99 Plainview NY (516) 694-6700
7
1.70
1.90 MAX
0.78
MAX
.097
36
19
18
Model ACT4423 Flat Package
0.600
0.085
0.21MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
0.015
±0.002
0.78 MAX
19
18
36
1.90 MAX
0.097
0.086 R
4 Places
0.40
MIN
2 SIDES
0.175 MAX
0.065
REF
0.010
±0.002
Notes
1. Dimensions shown are in inches
2. Pins are equally spaced at 0.100±0.002 tolerance,
non-cumulative, each row
Model ACT4423 Dual In Line
Designator
Pin 1 & ESD
Designator
Pin 1 & ESD
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) THE-1553
www.aeroflex.com
E-Mail: sales-act@aeroflex.com
CIRCUIT TECHNOLOGY



Html Pages

1 2 3 4 5 6 7