| データシートサーチシステム |
|
ACT15530PI データシート(PDF) 7 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT15530PI データシート(HTML) 7 Page - Aeroflex Circuit Technology |
|
7 / 15 page ![]() Aeroflex Circuit Technology SCD15530 REV B 7/28/99 Plainview NY (516) 694-6700 7 Figure 10: Decoder Operation Decoder Operation The Decoder requires a single clock with a frequency of 12 times the desired data rate applied at the DECODER CLOCK input. The Manchester II coded data can be presented to the Decoder in one of two ways. The BIPOLAR ONE and BIPOLAR ZERO inputs will accept data from a comparator sensed transformer coupled bus as specified in MIL-STD-1553. The UNIPOLAR DATA input can only accept non-inverted Manchester II coded data (e.g.from BIPOLAR ZERO OUT of an Encoder). The Decoder is free running and continuously monitors its data input lines for a valid sync character and two valid Manchester data bits to start an output cycle.. When a valid sync is recognized x, the type of sync is indicated on COMMAND/DATA SYNC output. if the sync character was a command sync, this output will go high y and remain high for sixteen DECODER SHIFT CLOCK periods z, otherwise it will remain low. The TAKE DATA output will go high and remain high y - z while the Decoder is transmitting the decoded data through SERIAL DATA OUT. The decoded data available at SERIAL DATA OUT is in a NRZ format. The DECODER SHIFT CLOCK is provided so that the decoded bits can get shifted into an external register on every low-to-high transition of this clock y - z. After all sixteen decoded bits have been transmitted z the data is checked for odd parity. A high on VALID WORD output { indicates a successful reception of a word without any Manchester or parity errors. At this time the Decoder is looking for a new sync character to start another output sequence. At any time in the above sequence, a high input on DECODER RESET during a low-to-high transition of DECODER SHIFT CLOCK will abort transmission and initialize the Decoder to start looking for a new sync character. Timing Decoder Shift Clock Bipolar One In Bipolar Zero In Command/Data Sync (From Previous Reception) Take Data Serial Data Out Valid Word Half Half Sync Sync 1 2 0 3 4 5 6 7 8 16 17 18 19 15 14 13 12 11 10 2 1 0 P 2nd 1st 15 14 13 12 11 10 2 1 0 P 15 14 13 12 4 2 1 0 3 Undefined 1 2 3 4 |