データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8501-C データシート(PDF) 4 Page - Aeroflex Circuit Technology

部品番号 ACT8501-C
部品情報  ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEROFLEX [Aeroflex Circuit Technology]
ホームページ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8501-C データシート(HTML) 4 Page - Aeroflex Circuit Technology

  ACT8501-C Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8501-C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Aeroflex Circuit Technology
SCD8501 REV A 10/26/01 Plainview NY (516) 694-6700
Absolute Maximum Ratings 1/
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-55 to +150
°C
Supply Voltage
+VCC (Pin 44)
-VEE (Pin 46)
VREF (Pin 48)
+20
-20
+20
V
V
V
Digital Input Overvoltage
VEN (Pins 5, 6, 91, 92), VA (Pins 93, 95, 1, 3), VB (Pins 94, 96, 2, 4)
< VR +4
> GND -4
V
V
Analog Input Over Voltage
VS
±18
V
Notes:
1/ All measurements are made with respect to ground.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress
rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation
Conditions" may effect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Typical
Units
+VCC
+15V Power Supply Voltage
+15.0
V
-VEE
-15V Power Supply Voltage
-15.0
V
VREF
Reference Voltage
+5.00
V
VAL
Logic Low Level
+0.8
V
VAH
Logic High Level
+4.0
V
DC Electrical Performance Characteristics 1/
(Tc = -55°C to +125°C, +VEE = +15V, -VEE = -15V, VREF = +5.0V, Unless otherwise specified)
Parameter
Symbol
Conditions
Min Max Units
Supply Current
I+
VEN(0-63) = VA(0-3)A = VA(0-3)B = 0
0.2
2
mA
I-
VEN(0-63) = VA(0-3)A = VA(0-3)B = 0
-2
-0.2
mA
+ISBY
VEN(0-63) = 4V, VA(0-3)A = VA(0-3)B = 0 6/0.2
2
mA
-ISBY
VEN(0-63) = 4V, VA(0-3)A = VA(0-3)B = 0 6/-2
-0.2
mA
Address Input
Current
IAL(0-3)A
VA = 0V 1/-2
2
µA
IAH(0-3)A
VA = 5V 1/-2
2
µA
IAL(0-3)B
VA = 0V 1/-2
2
µA
IAH(0-3)B
VA = 5V 1/-2
2
µA
Enable Input Current
IENL(0-15)
VEN(0-15) = 0V
-1
1
µA
IENH(0-15)
VEN(0-15) = 5V
-1
1
µA
IENL(16-31)
VEN(16-31) = 0V
-1
1
µA
IENH(16-31)
VEN(16-31) = 5V
-1
1
µA
IENL(32-63)
VEN(32-63) = 0V
-1
1
µA
IENH(32-63)
VEN(32-63) = 5V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10