| データシートサーチシステム |
|
ACTF512K8 データシート(PDF) 13 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACTF512K8 データシート(HTML) 13 Page - Aeroflex Circuit Technology |
|
13 / 21 page ![]() Aeroflex Circuit Technology SCD1668 REV A 4/28/98 Plainview NY (516) 694-6700 13 AC Waveforms for Read Operations Figure 7 tOH tCE tOE tACC tRC tDF Output Valid High Z High Z Outputs OE WE CE Addresses Addresses Stable WE OE CE Data Addresses 5.0V 5555H PA Data Polling PA D7 DOUT PD AOH tWHWH1 tOE tRC tCE tDF tOH tAH tAS tDH tWPH tWP tDS tCE tWC Write/Erase/Program Figure 8 Operation, WE Controlled Notes: 1. PA is the address of the memory location to be programmed. 2. PD is the data to be programmed at byte address. 3. D7 is the 0utput of the complement of the data written to the deviced. 4. Dout is the output of the data written to the device. 5. Figure indicates last two bus cycles of four bus cycle sequence. tGHWL |