データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CT2513 データシート(PDF) 11 Page - Aeroflex Circuit Technology

部品番号 CT2513
部品情報  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEROFLEX [Aeroflex Circuit Technology]
ホームページ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2513 データシート(HTML) 11 Page - Aeroflex Circuit Technology

Back Button CT2513 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2513 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
11
Figure 7 – Timing Diagram, Status Word Transfer
TRISTATE
TRISTATE
STATEN
GBR
DTSTB
DB0 - DB15
BUFFENA
Receive Only
500ns
166ns
166ns
75ns
75ns
NOTE:
1. R/W = 0
TRISTATE
TRISTATE
BITEN
DTSTB
DB0 - DB15
BUFFENA
500 ns
166ns
166ns
75ns
75ns
NOTE:
1. R/W = 0
STATUS
BIT WORD
Figure 8 – Timing Diagram, Bit Word Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17