データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CT2565 データシート(PDF) 30 Page - Aeroflex Circuit Technology

部品番号 CT2565
部品情報  CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEROFLEX [Aeroflex Circuit Technology]
ホームページ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2565 データシート(HTML) 30 Page - Aeroflex Circuit Technology

Back Button CT2565 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2565 Datasheet HTML 31Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Aeroflex Circuit Technology
30
SCDCT2565 REV B 8/10/99 Plainview NY (516) 694-6700
.100
2.100
1.500
TYP
Lead 1 & ESD
Designator
1.900
1.800
Pin 19
Pin 20
Pin 59
Pin 41
Pin 2
.050
TYP
1.650
1.870
.100
.110
Pin 1
.250
.250
MAX
Pin 39
Pin 40
Pin 78
Pin 22
Pin 21
Pin 60
.018 DIA
TYP
.080
.180
MAX
.010
±.002
.015
2.000
Pin 42
.095
Pin 41
2.200
MAX
Lead 1 & ESD
Designator
1.610
MAX
Designator
MAX
.400
MIN
.050 Lead Centers
41 Leads/Side
(4 Places)
Pin 82
.050
Figure 23 – Plug In Package Outline
Figure 24 – Flat Package Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31