| データシートサーチシステム |
|
R4400PC データシート(PDF) 8 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
R4400PC データシート(HTML) 8 Page - Aeroflex Circuit Technology |
|
8 / 11 page ![]() 8 SCD4430 Rev A 11/18/96 R4400SC/MC Microprocessor Multichip Module Pinouts Pin # Function Pin # Function Pin # Function 1 TClock 0 48 Vss 95 Vss 2 Vss 49 VssP 96 Sys AD 59 3 Sys AD 45 50 Vcc 97 Vcc 4 Vss 51 IvdAck* 98 Sys AD 27 5 TClock 1 52 Vss 99 Vss 6 Vss 53 VccP 100 IO In 7 Sys AD 13 54 Vcc 101 Vcc 8 Vss 55 Status 5 102 Sys AD 58 9 Sys AD 14 56 Vss 103 Vss 10 Vcc 57 Status 6 104 Sys AD 26 11 JTMS 58 Vcc 105 Vcc 12 Vcc 59 Status 7 106 IO Out 13 Sys AD 46 60 Vcc 107 Vss 14 Vcc 61 Sys ADC 7 108 Sys AD 57 15 JTDO 62 Vcc 109 Vcc 16 Vcc 63 Sys ADC 3 110 Sys AD 25 17 Sys AD 15 64 Vcc 111 Vss 18 Vcc 65 VCC Ok 112 GRPRUN 7 19 Sys AD 47 66 Vcc 113 Vcc 20 Vss 67 Sys AD 63 114 Sys AD 56 21 Status 0 68 Vss 115 Vss 22 Vcc 69 MasterOut 116 Sys AD 24 23 JTDI 70 Vss 117 Vcc 24 Vss 71 Sys AD 31 118 GRPSTALL 3 25 Sys ADC 1 72 Vcc 119 Vss 26 Vcc 73 Sys AD 30 120 Sys ADC 6 27 Sys ADC 5 74 Vcc 121 Vcc 28 Vcc 75 Sys AD 62 122 Sys ADC 2 29 Status 2 76 Vss 123 Vss 30 Vcc 77 Sync Out 124 NMI* 31 Status 1 78 Vss 125 Vcc 32 Vcc 79 Sys AD 29 126 Sys AD 55 33 JTCK 80 Vss 127 Vss 34 Vss 81 RClock 1 128 Sys AD 23 35 Sync In 82 Vss 129 Vcc 36 Vss 83 Sys AD61 130 Release * 37 Vss Sense 84 Vss 131 Vss 38 Vss 85 RClock 0 132 Sys AD 22 39 Vcc Sense 86 Vss 133 Vcc 40 Vss 87 Vcc 134 Sys AD 54 41 MasterClock 88 Reset* 135 Vss 42 Vss 89 Vcc 136 Mode In 43 Status 3 90 Sys AD 60 137 Vcc 44 Vcc 91 Vss 138 Rd Rdy * 45 IvdErr* 92 Sys AD 28 139 Vss 46 Vcc 93 Vcc 140 Sys AD 53 47 Status 4 94 Cold_Reset* 141 Sys AD 21 7 Do not connect, factory test only , 3 Connect to +V Volts |