| データシートサーチシステム |
|
5833P データシート(PDF) 4 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
5833P データシート(HTML) 4 Page - Agere Systems |
|
4 / 6 page ![]() 4 Agere Systems Inc. 5833P Diplexer, Full-Duplex, Data Sheet Bidirectional, Single-Fiber, Data and Voice Transceivers May 2001 Pin Information Figure 1. 5833-Type Transceiver Pinout Outline Diagram Dimensions are in inches and (millimeters) * SMF-28 is a trademark of Corning, Inc. TX RX VCCT VEET TX DISABLE TD+ TD– RD+ RD– SD VCCR VEER (TOP VIEW) 1.70 (43.18) 2.04 (51.82) 0.63 (16.0) 0.27 (6.86) 0.14 (0.36) 0.125 (3.17) (24.89) 0.98 0.07 (1.78) 0.02 (0.51) (10.16) 0.54 0.40 (10.16) (3.17) 1.25 (10.41) 0.410 0.04 (1.02) 0.400 (10.16) (10.41) 0.04 0.04 (1.02) 0.04 (1.02) (10.16) 0.40 (6.86) 0.27 0.07 (1.78) 0.98 (24.89) 0.14 (3.56) 0.07 (1.78) 10x ∅ 0.030 (0.76) 2x ∅ 0.055 (1.40) 2x R. 0.70 (1.78) 1-1260 (F) Note: Single-fiber transceivers provided by Agere Systems Inc. are pigtailed with SMF-28 * and connector options. 1-1259 (F) |