データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D371 データシート(PDF) 2 Page - Agere Systems

部品番号 D371
部品情報  D371-Type Digital Uncooled DFB Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

D371 データシート(HTML) 2 Page - Agere Systems

  D371 Datasheet HTML 1Page - Agere Systems D371 Datasheet HTML 2Page - Agere Systems D371 Datasheet HTML 3Page - Agere Systems D371 Datasheet HTML 4Page - Agere Systems D371 Datasheet HTML 5Page - Agere Systems D371 Datasheet HTML 6Page - Agere Systems D371 Datasheet HTML 7Page - Agere Systems D371 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
D371-Type Digital Uncooled DFB Laser Module
January 1999
2
2
Agere Systems Inc.
Description (continued)
The device characteristics listed in this document are
met at 2.0 mW output power. Higher- or lower-power
operation is possible. Under conditions of a fixed pho-
todiode current, the change in optical output is typically
±0.5 dB over an operating temperature range of –40 °C
to +85
°C.
This device incorporates the new Laser 2000 manufac-
turing process developed by the Optoelectronic unit of
Agere Systems Inc. Laser 2000 is a low-cost platform
that targets high-volume manufacturing and tighter
product distributions on all optical subassemblies. The
platform incorporates an advanced optical design that
is produced on a highly automated production line. The
Laser 2000 platform is qualified for the central office
and uncontrolled environments, and can be used for
applications requiring high performance and low cost.
Table 1. Pin Descriptions
Pin Number
Connection
1
NC/reserved
2
Case ground
3
NC/reserved
4
Photodiode cathode
5
Photodiode anode
6
Laser diode cathode
7
Laser diode anode
8
NC/reserved
Figure 1. D371-Type Digital Uncooled DFB Laser Module Schematic, Top View
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Rating varies with temperature.
Parameter
Symbol
Min
Max
Unit
Maximum Peak Laser Drive Current or
Maximum Fiber Power*
IOP
PMAX
150
10
mA
mW
Peak Reverse Laser Voltage:
Laser
Monitor
VRL
VRD
2
20
V
V
Monitor Forward Current
IFD
—2
mA
Operating Case Temperature Range
TC
–40
85
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
260/10
°C/s
Relative Humidity (noncondensing)
RH
85
%
1-900 (C)
56
8
7
43
1
2



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com