| データシートサーチシステム |
|
LUCL9500AGF-D データシート(PDF) 9 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
LUCL9500AGF-D データシート(HTML) 9 Page - Agere Systems |
|
9 / 32 page ![]() Preliminary Data Sheet September 2001 High-Voltage Ringing SLIC for VoIP Applications L9500A Agere Systems Inc. 9 Pin Information (continued) Table 1. Pin Descriptions (continued) Operating States Table 2. Control States Table 3. Supervision Coding 28-Pin PLCC 48-Pin MLCC Symbol Type Name/Function 19 25 FB2 — Polarity Reversal Slowdown Capacitor. Connect a capacitor from this node for controlling rate of battery reversal. If ramped bat- tery reversal is not desired, this pin is left open. 20 26 FB1 — Polarity Reversal Slowdown Capacitor. Connect a capacitor from this node for controlling rate of battery reversal. If ramped bat- tery reversal is not desired, this pin is left open. 21 28 PT I/O Protected Tip. The output drive of the tip amplifier and input to the loop sensing circuit. Connect to loop through overvoltage and overcurrent protection. 22 31 PR I/O Protected Ring. The output drive of the ring amplifier and input to the loop sensing circuit. Connect to loop through overvoltage and overcurrent protection. 23 33 B2 Iu State Control Input. These pins have an internal 100 k Ω pull-up. 24 34 B1 Iu State Control Input. These pins have an internal 100 k Ω pull-up. 25 35 B0 Iu State Control Input. These pins have an internal 100 k Ω pull-up. 26 38 ITR I Transmit Gain. Input to AX amplifier. Connect a 4.75 k Ω resistor from this node to VTX to set transmit gain. Gain shaping for termi- nation impedance with a first generation codec is also achieved with a network from this node to VTX. 27 39 VTX O ac Output Voltage. Output of internal AX amplifier. The voltage at this pin is directly proportional to the differential tip/ring current. 28 41 TXI I ac/dc Separation. Input to internal AAC amplifier. Connect a 0.1 µF capacitor from this pin to VTX. B0 B1 B2 State 0 0 1 Forward active 0 1 1 Reverse active 0 0 0 On-hook transmission forward battery 0 1 0 On-hook transmission reverse battery 1 1 0 Ground start 10 0 Scan 1 1 1 Disconnect—device will power up in this state 10 1 Ring NSTAT 0 = off-hook or ring trip or thermal shutdown or ring ground. 1 = on-hook and no ring trip and no thermal shutdown and no ring ground. |