データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW8C2SA データシート(PDF) 23 Page - Seoul Semiconductor

部品番号 STW8C2SA
部品情報  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA データシート(HTML) 23 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor STW8C2SA Datasheet HTML 20Page - Seoul Semiconductor STW8C2SA Datasheet HTML 21Page - Seoul Semiconductor STW8C2SA Datasheet HTML 22Page - Seoul Semiconductor STW8C2SA Datasheet HTML 23Page - Seoul Semiconductor STW8C2SA Datasheet HTML 24Page - Seoul Semiconductor STW8C2SA Datasheet HTML 25Page - Seoul Semiconductor STW8C2SA Datasheet HTML 26Page - Seoul Semiconductor STW8C2SA Datasheet HTML 27Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
( Tolerance: ±0.2, Unit: mm )
1)Quantity : Max 4,500pcs/Reel (2000 ~ 4500pcs by 500pcs provided)
2)Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
3)Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is
turned off from the carrier tape at the angle of 10˚ to the carrier tape.
4)Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof
Package.
8. Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27