データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SWBF0B データシート(PDF) 14 Page - Seoul Semiconductor

部品番号 SWBF0B
部品情報  Side View LED of Reflector type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWBF0B データシート(HTML) 14 Page - Seoul Semiconductor

Back Button SWBF0B Datasheet HTML 9Page - Seoul Semiconductor SWBF0B Datasheet HTML 10Page - Seoul Semiconductor SWBF0B Datasheet HTML 11Page - Seoul Semiconductor SWBF0B Datasheet HTML 12Page - Seoul Semiconductor SWBF0B Datasheet HTML 13Page - Seoul Semiconductor SWBF0B Datasheet HTML 14Page - Seoul Semiconductor SWBF0B Datasheet HTML 15Page - Seoul Semiconductor SWBF0B Datasheet HTML 16Page - Seoul Semiconductor SWBF0B Datasheet HTML 17Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Rev. 01
Rev. 01
February, 2013
February, 2013
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
[
[14
14 /17]
/17]
9. Packing
1) Reel & Carrier
Label
180
13
±0.3
22
2 ±0.2
15.4
13
+0
-3
-0
+0.2
±1.0
(1) Quantity : 3500pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned
off from the carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
( Tolerance: ±0.2, Unit: mm )
4.0
0.1
2.0
0.05
4.0 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17