| データシートサーチシステム |
|
OR2C04A データシート(PDF) 188 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A データシート(HTML) 188 Page - List of Unclassifed Manufacturers |
|
188 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 188 Lucent Technologies Inc. Ordering Information (continued) Key: C = commercial, I = industrial. Key: C = commercial, I = industrial. Notes: The package options with the SQFP/SQFP2 designation in the table above use the SQFP package for all densities up to and including the OR2C/T15A/B, while the OR2C/T26A and the OR2C/2T40A/B use the SQFP2. The OR2TxxA and OR2TxxB series is not offered in the 304-pin SQFP/SQFP2 packages. The OR2C40A is not offered in a 352-pin PBGA. Table 59. ORCA OR2CxxA/OR2TxxA Series Package Matrix Packages 84-Pin PLCC 100-Pin TQFP 144-Pin TQFP 160-Pin QFP 208-Pin EIAJ SQFP/ SQFP2 240-Pin EIAJ SQFP/ SQFP2 256-Pin PBGA 304-Pin EIAJ SQFP/ SQFP2 352-Pin PBGA 432-Pin EBGA M84 T100 T144 J160 S208/ PS208 S240/ PS240 BA256 S304/ PS304 BA352 BC432 OR2C/2T04A CI CI CI CI CI — — — — — OR2C/2T06A CI CI CI CI CI CI CI — — — OR2C/2T08A CI — — CI CI CI CI — — — OR2C/2T10A CI — — CI CI CI CI — CI — OR2C/2T12A CI ———CICICICI CI — OR2C/2T15A CI ———CICICICI CI CI OR2C/2T26A ————CICI—CI CI CI OR2C/2T40A ————CICI—CI CI CI Table 60. ORCA OR2TxxB Series Package Matrix Packages 84-Pin PLCC 100-Pin TQFP 144-Pin TQFP 160-Pin QFP 208-Pin EIAJ SQFP/ SQFP2 240-Pin EIAJ SQFP/ SQFP2 256-Pin PBGA 304-Pin EIAJ SQFP/ SQFP2 352-Pin PBGA 432-Pin EBGA M84 T100 T144 J160 S208/ PS208 S240/ PS240 BA256 S304/ PS304 BA352 BC432 OR2T15B ————CICICI— CI — OR2T40B ————CICI—— CI CI |