| データシートサーチシステム |
|
ORLI10G データシート(PDF) 41 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
ORLI10G データシート(HTML) 41 Page - Agere Systems |
|
41 / 72 page ![]() Agere Systems Inc. 41 Data Sheet October 2001 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC ORCA ORLI10G Quad 2.5 Gbits/s LVDS Buffer Characteristics Termination Resistor The LVDS drivers and receivers operate on a 100 Ω differential impedance, as shown below. External resistors are not required. The differential driver and receiver buffers include termination resistors inside the device package, as shown in Figure 23. 5-8703(F) Figure 23. LVDS Driver and Receiver and Associated Internal Components LVDS Driver Buffer Capabilities Under worst-case operating condition, the LVDS driver must withstand a disabled or unpowered receiver for an unlimited period of time without being damaged. Similarly, when its outputs are short-circuited to each other or to ground, the LVDS driver will not suffer permanent damage. Figure 24 illustrates the terms associated with LVDS driver and receiver pairs. 5-8704(F) Figure 24. LVDS Driver and Receiver 5-8705(F) Figure 25. LVDS Driver LVDS DRIVER 50 Ω 50 Ω LVDS RECEIVER CENTER TAP DEVICE PINS 100 Ω EXTERNAL VGPD VOA VOB VIA VIB A B AA BB DRIVER INTERCONNECT RECEIVER VOA A VOB B CA CB RLOAD VOD = (VOA – VOB) V |