データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAU1977WBCPZ-R7 データシート(PDF) 43 Page - Analog Devices

部品番号 ADAU1977WBCPZ-R7
部品情報  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 データシート(HTML) 43 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 43 of 64
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
CMAP_C1
ADC Channel 1 Output Mapping. If CMAP is set to a slot that doesn’t exist
for a given serial mode, then that channel will not be driven. For example,
if CMAP is set to Slot 9 and the serial format is I2S, then that channel will
not be driven. If more than one channel is set to the same slot, only the
lowest channel number will be driven; other channels will not be driven.
0x0
RW
0000
Slot 1 for Channel
0001
Slot 2 for Channel
0010
Slot 3 for Channel (on SDATAOUT2 in stereo modes)
0011
Slot 4 for Channel (on SDATAOUT2 in stereo modes)
0100
Slot 5 for Channel (TDM8+ only)
0101
Slot 6 for Channel (TDM8+ only)
0110
Slot 7 for Channel (TDM8+ only)
0111
Slot 8 for Channel (TDM8+ only)
1000
Slot 9 for Channel (TDM16 only)
1001
Slot 10 for Channel (TDM16 only)
1010
Slot 11 for Channel (TDM16 only)
1011
Slot 12 for Channel (TDM16 only)
1100
Slot 13 for Channel (TDM16 only)
1101
Slot 14 for Channel (TDM16 only)
1110
Slot 15 for Channel (TDM16 only)
1111
Slot 16 for Channel (TDM16 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64