| データシートサーチシステム |
|
ADP5586ACBZ-01-R7 データシート(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5586ACBZ-01-R7 データシート(HTML) 28 Page - Analog Devices |
|
28 / 44 page ![]() ADP5586 Data Sheet Rev. 0 | Page 28 of 44 GPI_EVENT_EN_A, Register 0x1D Table 38. GPI_EVENT_EN_A Bit Descriptions Bits Bit Name Access Description [7:6] Reserved Reserved Reserved. 5 GPI_6_EVENT_EN Read/write 0 = disables GPI events from GPI 6. 1 = allows GPI 6 activity to generate events on the FIFO.1 4 GPI_5_EVENT_EN Read/write 0 = disables GPI events from GPI 5. 1 = allows GPI 5 activity to generate events on the FIFO.1 3 GPI_4_EVENT_EN Read/write 0 = disables GPI events from GPI 4. 1 = allows GPI 4 activity to generate events on the FIFO.1 2 GPI_3_EVENT_EN Read/write 0 = disables GPI events from GPI 3. 1 = allows GPI 3 activity to generate events on the FIFO.1 1 GPI_2_EVENT_EN Read/write 0 = disables GPI events from GPI 2. 1 = allows GPI 2 activity to generate events on the FIFO.1 0 GPI_1_EVENT_EN Read/write 0 = disables GPI events from GPI 1. 1 = allows GPI 1 activity to generate events on the FIFO.1 1 GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode causes EVENT_INT interrupts. GPIs in this mode do not generate GPI_INT interrupts. GPI_EVENT_EN_B, Register 0x1E Table 39. GPI_EVENT_EN_B Bit Descriptions Bits Bit Name Access Description [7:5] Reserved Reserved Reserved. 4 GPI_11_EVENT_EN Read/write 0 = disables GPI events from GPI 11. 1 = allows GPI 11 activity to generate events on the FIFO.1 3 GPI_10_EVENT_EN Read/write 0 = disables GPI events from GPI 10. 1 = allows GPI 10 activity to generate events on the FIFO.1 2 GPI_9_EVENT_EN Read/write 0 = disables GPI events from GPI 9. 1 = allows GPI 9 activity to generate events on the FIFO.1 1 GPI_8_EVENT_EN Read/write 0 = disables GPI events from GPI 8. 1 = allows GPI 8activity to generate events on the FIFO.1 0 GPI_7_EVENT_EN Read/write 0 = disables GPI events from GPI 7. 1 = allows GPI 7 activity to generate events on the FIFO.1 1 GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode causes EVENT_INT interrupts. GPIs in this mode do not generate GPI_INT interrupts. |