データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE4091 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE4091
部品情報  BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4091 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4091 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4091 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4091 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Isolated Ground Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D
Hole
Configuration
Connector
BNC Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +60
Size
Length, in [mm]
1.187 [30.15]
Width/Dia., in [mm]
0.5 [13]
Weight, lbs [g]
0.013 [5.9]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal,
.350 inch D Hole PE4091
PE4091
PE4091 REV


同様の部品番号 - PE4091

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE4091 PASTERNACK-PE4091 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
More results

同様の説明 - PE4091

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4626 PASTERNACK-PE4626 Datasheet
219Kb / 3P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4318 PASTERNACK-PE4318 Datasheet
834Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4629 PASTERNACK-PE4629 Datasheet
247Kb / 2P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4091 PASTERNACK-PE4091_16 Datasheet
355Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com