| データシートサーチシステム |
|
PCF85063TP データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063TP データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 46 page ![]() PCF85063TP All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 15 April 2013 21 of 46 NXP Semiconductors PCF85063TP Tiny Real-Time Clock/calendar Because of this method, it is very important to make a read or write access in one go, that is, setting or reading seconds through to years should be made in one single access. Failing to comply with this method could result in the time becoming corrupted. As an example, if the time (seconds through to hours) is set in one access and then in a second access the date is set, it is possible that the time will increment between the two accesses. A similar problem exists when reading. A roll-over may occur between reads thus giving the minutes from one moment and the hours from the next. Recommended method for reading the time: 1. Send a START condition and the slave address (see Table 29 on page 24) for write (A2h) 2. Set the address pointer to 4 (Seconds) by sending 04h 3. Send a RESTART condition or STOP followed by START 4. Send the slave address for read (A3h) 5. Read Seconds 6. Read Minutes 7. Read Hours 8. Read Days 9. Read Weekdays 10. Read Months 11. Read Years 12. Send a STOP condition Fig 12. Access time for read/write operations DDD W V 67$57 '$7$ '$7$ 6723 6/$9( $''5(66 |