データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADIS16445/PCBZ データシート(PDF) 19 Page - Analog Devices

部品番号 ADIS16445/PCBZ
部品情報  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ データシート(HTML) 19 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADIS16445
Rev. A | Page 19 of 24
Accelerometer Bias Correction Factors
When the bias estimate is complete, multiply the estimate by
−1 to change its polarity, convert it to the digital format for the
offset correction registers (see Table 33, Table 34 or Table 35),
and write the correction factors to the correction registers.
For example, lower the x-axis bias by 12 LSB (3 mg) by setting
XACCL_OFF = 0xFFF4 (DIN = 0xA1FF, 0xA0F4).
Point of Percussion Alignment
Set MSC_CTRL[6] = 1 (DIN = 0xB446) to enable this feature
and maintain the factory default settings for DIO1. This feature
performs a point of percussion translation to the point identified
in Figure 21. See Table 24 for more information on MSC_CTRL.
ORIGIN ALIGNMENT
REFERENCE POINT
SEE MSC_CTRL[6].
Figure 21. Point of Percussion Physical Reference
FLASH UPDATES
When using the user calibration registers to optimize system
level accuracy, set GLOB_CMD[3] = 1 (DIN = 0xBE04) to save
these settings in nonvolatile flash memory. Be sure to consider
the endurance rating of the flash memory when determining how
often to update the user correction factors in the flash memory.
RESTORING FACTORY CALIBRATION
Set GLOB_CMD[1] = 1 (DIN = 0xBE02) to execute the factory
calibration restore function, which resets the gyroscope and accel-
erometer offset registers to 0x0000 and all sensor data to 0. Then, it
automatically updates the flash memory and restarts sampling and
processing data. See Table 19 for information on GLOB_CMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24