| データシートサーチシステム |
|
HCC4046BK データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4046BK データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 24 page ![]() Note: Contact ST sales office for information about the specific conditions for other CMOS4000 part numbers and product in die form HCC4538BD 9207/007/08 or 09 ESCC flight Specify ESCC variant number in PO DIL-16 Gold or solder dip 920700708 or 09 2.20 - Strip pack HCC4555BK 9408/011/01 or 02 Flat-16 940801101 or 02 0.70 Y HCC4555BD 9408/011/08 or 09 DIL-16 940801108 or 09 2.20 - HCC4556BK 9408/025/01 or 02 Flat-16 940802501 or 02 0.70 - HCC4556BD 9408/025/08 or 09 DIL-16 940802508 or 09 2.20 - Table 10. Ordering information (continued) Order code ESCC detailed specification Quality level Comment Package Lead finish Marking Mass (g) EPPL Packing |