データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54HC11D データシート(PDF) 27 Page - STMicroelectronics

部品番号 M54HC11D
部品情報  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC11D データシート(HTML) 27 Page - STMicroelectronics

Back Button M54HC11D Datasheet HTML 21Page - STMicroelectronics M54HC11D Datasheet HTML 22Page - STMicroelectronics M54HC11D Datasheet HTML 23Page - STMicroelectronics M54HC11D Datasheet HTML 24Page - STMicroelectronics M54HC11D Datasheet HTML 25Page - STMicroelectronics M54HC11D Datasheet HTML 26Page - STMicroelectronics M54HC11D Datasheet HTML 27Page - STMicroelectronics M54HC11D Datasheet HTML 28Page - STMicroelectronics M54HC11D Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Note:
Contact ST sales office for information about the specific conditions for other 54AC or 54ACT part number, product in die form and
QML-Q versions
M54HC4094D 9306/050/10F or 11F ESCC flight Specify ESCC variant number in PO
DIL-16
Gold or solder dip
930605010F or 11F
2.20
-
Strip pack
M54HC4514K 9205/019/01F or 02F ESCC flight Specify ESCC variant number in PO
Flat-24
Gold or solder dip
920501901F or 02F
1.70
-
Strip pack
M54HC4514D 9205/019/03F or 04F ESCC flight Specify ESCC variant number in PO
DIL-24
Gold or solder dip
920501903F or 04F
5.20
-
Strip pack
Table 13.
Ordering information (continued)
Order codes
ESCC detailed
specification
Quality
Level
Comment
Package
Lead finish
Marking
Mass
(g)
EPPL
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29