データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE6031 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE6031
部品情報  Shorting Dust Cap for N Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6031 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6031 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6031 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting Dust Cap for N Female
Configuration
Connector
N Female Shorting
Chain Option
No Chain
Mechanical Specifications
Size
Length, in [mm]
0.69 [17.53]
Width, in [mm]
0.67 [17]
.
Connector
Type
N Female Shorting
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Shorting Dust Cap for N Female from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Shorting Dust Cap for N Female PE6031
URL: http://www.pasternack.com/50-ohm-n-female-short-cap-pe6031-p.aspx
PE6031
PE6031 REV
Shorting Dust Cap for N Female


同様の部品番号 - PE6031

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6032 PASTERNACK-PE6032 Datasheet
81Kb / 1P
N FEMALE PRECISION TERMINATION,2 WATTM DC.18GHz
PE6033 PASTERNACK-PE6033 Datasheet
108Kb / 1P
N FEEDTHRU TERMINATION FREQUENCY RANGE: DC.1 GHz max vswr: 1,65:1
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
More results

同様の説明 - PE6031

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
Shorting TNC Female Dust Cap
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6111 PASTERNACK-PE6111 Datasheet
203Kb / 2P
Non-Shorting Dust Cap for C Female
PE6115 PASTERNACK-PE6115 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Female
PE6116 PASTERNACK-PE6116 Datasheet
229Kb / 2P
Non-Shorting Dust Cap for N Female
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
2.4mm Female Shorting Dust Cap
PE6116 PASTERNACK-PE6116_16 Datasheet
413Kb / 3P
N Female Non-Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com