| データシートサーチシステム |
|
WM8788GEDT/R データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8788GEDT/R データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 22 page ![]() Preliminary Technical Data WM8788 w PTD, December 2010, Rev 2.2 3 PIN CONFIGURATION The WM8788 is supplied in a 16-pin TSSOP format. The pin configuration is illustrated below, showing the top-down view from above the chip. 5 6 7 89 10 11 12 REFVDD AVDD AIFMODE1 INRFB AIFMODE0 MASTER OSR MCLK WM8788 (Top View) 2 3 413 14 15 INLFB INR INL LRCLK BCLK 116 VMIDC ADCDAT AGND ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8788GEDT -40 °C to +85°C 16-pin TSSOP (Pb-free) MSL1 260oC WM8788GEDT/R -40 °C to +85°C 16-pin TSSOP (Pb-free, tape and reel) MSL1 260oC Note: Reel quantity = 2,000 PIN DESCRIPTION PIN NO NAME TYPE DESCRIPTION 1 VMIDC Analogue Output Midrail voltage decoupling capacitor 2 INL Analogue Input Left channel analogue input 3 INLFB Analogue Output Left channel feedback connection 4 INR Analogue Input Right channel analogue input 5 INRFB Analogue Output Right channel feedback connection 6 REFVDD Supply ADC Reference Positive supply 7 AVDD Supply Analogue Positive supply 8 AIFMODE1 Digital Tri-state Input Audio interface configuration pin 1 9 AIFMODE0 Digital Tri-state Input Audio interface configuration pin 0 10 MASTER Digital Tri-state Input Audio interface Master / Slave select 11 OSR Digital Tri-state Input ADC oversample rate select 12 MCLK Digital Input Master clock 13 LRCLK Digital Input / Output Audio interface left / right clock 14 BCLK Digital Input / Output Audio interface bit clock 15 ADCDAT Digital Output ADC digital audio data 16 AGND Supply Ground |