| データシートサーチシステム |
|
FTP-628WSL100/200-R データシート(PDF) 7 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
FTP-628WSL100/200-R データシート(HTML) 7 Page - fujitsu semiconductor |
|
7 / 9 page ![]() 7 FTP-628WSL100 /200-R Series Command Contents ESC c+1+n Sets internal processing. ESC s+n Print speed setting ESC {+n Sets/resets upside down printing ESC Y + SOH ESC+ x + a + DLE + n RS-232C communication setting* FS!+n Kanjiprintingmodecollectivespecification FS& Kanjiprintingmodespecification FS-+n Kanjiunderlinespecification/cancellation FS . Kanji printing mode cancellation FS2+c1+c1+d1~dn Userdefinedcharacterdefinition FS 9+n Sets the detection functions FS C+n Kanji code system selection FS E+n Correction of impressed energy FS r+n Parameter transmission (valid for non-protocol mode) GS$+n+1+2 Verticalabsolutepositionspecificationinpageprintmode GS &+m+x+y1+y2+[d]k Registration of image data GS '+m+n Prints registered image data GS < Line feeds to the next mark GS A+m+n Sets the line feed length after mark detection GS B+n Bar code angle setting GS E+n Print quality setting GS L + n1 +n2 Left margin setting GS W + n1 + n2 Print area width setting GS ¥ + n1 + n2 Vertical relative position setting in page mode GS a+n Setting and cancelation of status transmission (non-protocol mode) GS e+n+m Bar code width setting GS h+n Bar code height setting GS k+m+n+d1~dN Bar code printing GS k+m+k1+k2+k3+k4+d1~dn Two dimensional code printing GS k + m + n + pL + pH + d1~dn Ba rco d es (GS1 D a ta b a r) p ri n t Commands continued |