| データシートサーチシステム |
|
K3HB-R データシート(PDF) 31 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
K3HB-R データシート(HTML) 31 Page - Omron Electronics LLC |
|
31 / 32 page ![]() Digital Indicators K3HB-R/-P/-C 31 20.Do not pull the DeviceNet communications cables with excessive force or bend them past their natural bending radius. 21.Do not connect or remove connectors while the DeviceNet power is being supplied. Doing so will cause product failure or malfunction. 22.Use cables with heat resistance of 70 °C min. ■ Noise Countermeasures 1. Do not install the product near devices generating strong high- frequency waves or surges, such as high-frequency welding and sewing machines. 2. Mount a surge suppressor or noise filter to peripheral devices generating noise, in particular, motors, transformers, solenoids, and magnet coils. 3. In order to prevent inductive noise, wire the lines connected to the terminal block separately from power lines carrying high voltages or currents. Do not wire in parallel with or in the same cable as power lines. Other measures for reducing noise include running lines along separate ducts and using shield lines. Example of Countermeasures for Inductive Noise on Input Lines 4. If a noise filter is used for the power supply, check the voltage and current, and install the noise filter as close to the product as possible. 5. Reception interference may occur if the product is used close to a radio, television, or wireless. Digital Indicator Line filter Surge absorber Digital Indicator + − 2 conductors with shield Signal input + − Digital Indicator |